Part Number Hot Search : 
MBR8100 C18F25 D45D4 LD5000R PA1007 BA541 U5021M05 LM336BAP
Product Description
Full Text Search
 

To Download ATCA-8202DCNRTM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advancedtca ? products http://www.adlinktech.com/advancedtca/ 1-21 2u 2-slot advancedtca ? shelf atca-8202 features 19 rackmount with 2u height and 15.3 depth built-in layer 2 base interface switch dedicated shelf management hub slot dual-bussed ipmb no rear transition module (rtm) support ac & dc versions specifcations mechanical 19 rackmount, 2u height, 15.3 depth specifcation up to two standard advancedtca ? blades dedicated shelf management hub shelf management acmm-2200 shelf management hub supports multiple management interfaces: - command line interface (cli) - two 10/100/1000base-t gigabit ethernet ports and one serial console for management access - built-in layer 2 gbe switch for base interface connectivity cooling system single hot-swappable ipmc controlled fan tray module right-to-left transverse airfow (push cooling) backplane dual-star topology base interface dual-star topology fabric interface dual-bussed ipmb power input dc version: -40 v dc to -72 v dc nominal -48 v dc single power entry module carries up to 650 w (a or b) ac version: built-in 650 w ac to -48 v dc power supply unit ac input: 85 - 264 v ac, 47 - 63 hz weight 11.5kg (including power supply) temperature operating: 0c to 50c storage: -20c to 80c humidity 5% to 95%, non-condensing dimensions 432 x 87 x 386.4 mm (w x h x d) compliance advancedtca ? specifcation picmg ? 3.0 r2.0 certifcations ce, fcc, designed for nebs level 3 front view built-in 650w ac-to-dc48v psu ac inlet with flter ac version: dc version: circuit breaker mechanical layout ordering information model number description/confguration atca-8202/ac 2u 2-slot rackmount advancedtca ? shelf with single acmm-2200 shelf management hub, built-in 650 w ac to -48 v dc power supply unit atca-8202/dc/nrtm 2u 2-slot rackmount advancedtca ? shelf with single acmm-2200 shelf management hub (dc power) rear view
1-22 front access, hot-swappable fan tray shelf management hub with layer 2 gbe switch for base interface connectivity slot 2 slot 1 dimensions units: mm


▲Up To Search▲   

 
Price & Availability of ATCA-8202DCNRTM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X